PART |
Description |
Maker |
MX7535JP-T MX7537JCWG-T MX7524UQ/883B MX7533LEPE M |
Microprocessor-Compatible, 14-Bit DACs PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, PQCC28 CMOS, Parallel Loading, Dual, 12-Bit Multiplying DAC DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, PDSO24 Improved MX7524 PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP16 CMOS, Low-Cost, 10-Bit Multiplying D/A Converter PARALLEL, WORD INPUT LOADING, 10-BIT DAC, PQCC20 PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, UUC27
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX167CCWG-T MAX192ACPP MAX186DEWP-T MAX155BCPI MA |
CMOS, 5V Input, 100ksps, 12-Bit ADC with Track/Hold and Reference 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 Low-Power, 8-Channel, Serial 10-Bit ADC 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP20 Low-Power, 8-Channel, Serial 12-Bit ADCs 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 High-Speed, 8-Channel, 8-Bit ADC with Simultaneous Track/Holds and Reference 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 CMOS, 20µs, 8-Bit, 8-Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Dual-Channel, 10-Bit, 130Msps ADC; Package: THIN QFN, 48 pin ; Temperature Range: -40°C to 85°C 2-CH 10-BIT FLASH METHOD ADC, PARALLEL ACCESS, QCC48 75ksps, 5V, 12-Bit ADC with Track/Hold and Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO24 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin µMAX 2-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Industry-Standard, 12-Bit ADC with Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO24 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
LTC1591-1IGPBF LTC1591-1INPBF LTC1591INPBF |
14-Bit Parallel Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C PARALLEL, WORD INPUT LOADING, 1 us SETTLING TIME, 14-BIT DAC, PDSO28 14-Bit Parallel Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: PDIP; No of Pins: 28; Temperature Range: -40°C to 85°C PARALLEL, WORD INPUT LOADING, 1 us SETTLING TIME, 14-BIT DAC, PDIP28
|
Linear Technology, Corp.
|
33882 |
Six-Output Low-Side Switch with SPI and Parallel Input Control
|
飞思卡尔半导体(中国)有限公司
|
AD8582ARZ |
5 Volt, Parallel Input Complete Dual 12-Bit DAC DUAL, PARALLEL, WORD INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, PDSO24
|
Analog Devices, Inc.
|
74AUP1G02GN 74AUP1G02GF |
Low-power 2-input NOR-gate AUP/ULP/V SERIES, 2-INPUT NOR GATE, PDSO6 Low-power 2-input NOR-gate 低功输入或非
|
NXP Semiconductors N.V.
|
AD7547KP-REEL AD7547LRZ-REEL |
Dual 12-Bit CMOS DAC with Parallel Load Input Structure; Package: PLCC; No of Pins: 28; Temperature Range: Commercial DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, PQCC28 Dual 12-Bit CMOS DAC with Parallel Load Input Structure; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Commercial DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, PDSO24
|
Analog Devices, Inc.
|
600S-N048 800S-N048 600S-N024 800S-N024 600S-N003 |
Input voltage 90-130 VAC;output voltage 48 VDC;output current:12 A; 600 W enclosed parallel power supply Input voltage 180-260 VAC;output voltage 48 VDC;output current:16 A; 800 W enclosed parallel power supply Input voltage 90-130 VAC;output voltage 24 VDC;output current:25 A; 600 W enclosed parallel power supply Input voltage 180-260 VAC;output voltage 24 VDC;output current:33 A; 800 W enclosed parallel power supply Input voltage 90-130 VAC;output voltage 3.3 VDC;output current:100 A; 600 W enclosed parallel power supply Input voltage 90-130 VAC;output voltage 15 VDC;output current:40 A; 600 W enclosed parallel power supply Input voltage 180-260 VAC;output voltage 15 VDC;output current:53 A; 800 W enclosed parallel power supply Input voltage 90-130 VAC;output voltage 5 VDC;output current:100 A; 600 W enclosed parallel power supply Input voltage 90-130 VAC;output voltage 12 VDC;output current:50 A; 600 W enclosed parallel power supply Input voltage 180-260 VAC;output voltage 12 VDC;output current:66 A; 800 W enclosed parallel power supply
|
FranMar International
|
100201SC 100201 100201SCX |
From old datasheet system Low Power 2-Input OR/NOR Gate/Inverter 100K SERIES, 2-INPUT OR/NOR GATE, PDSO8 Low Power 2-Input OR/NOR Gate/Inverter 低功输入或非逆变
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MAX1165-MAX1166 MAX1166 MAX1165 MAX1165CCUI MAX116 |
Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface " Low-Power, 16-Bit Analog-to- Digital Converters with Parallel Interface" Low-Power 16-Bit Analog-to-Digital Converters with Parallel Interface Analog to Digital Converter - Datasheet Reference From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products Inc Maxim Integrated Products, Inc. ADC
|
L982503 L9825TR |
Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic OCTAL LOW-SIDE DRIVER FOR RESISTIVE AND INDUCTIVE LOADS WITH SERIAL/PARALLEL INPUT CONTROL,OUTPUT PROTECTION AND DIAGNOSTIC Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
|
STMicroelectronics ST Microelectronics
|
MCP3301NBSP MCP3301-CI-SN MCP3301 MCP3301-CI/MS MC |
The MCP3301 13-bit Analog to Digital Converter (ADC) features a full differential input and low power consumption in a small package ... 13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface 13-Bit Differential Input Low Power A/D Converter with SPI Serial Interface
|
MICROCHIP[Microchip Technology]
|
|